PART |
Description |
Maker |
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ADP3331 ADP3331ART ADP3331ART-REEL7 |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ/ 200 mA/ SOT-23/ anyCAP Low Dropout Regulator High Accuracy, Ultra-Low Quiescent Current LDO; SOT-23 1.5 V-11.75 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO6 Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP Low Dropout Regulator Adjustable Output Ultralow IQ, 200 mA, SOT-23, anyCAP⑩ Low Dropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
FAN1582_0311 FAN1582 FAN1582D15X FAN1582D25X FAN15 |
3A Adjustable Low Dropout Voltage Regulator (LDO) 3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
|
FAIRCHILD[Fairchild Semiconductor]
|
OM1830SCM OM1830NCM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 7.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89520
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
IP3R07 IP3R07A IP1R07 IP1R07A IP1R07AG-BSS2 IP1R07 |
Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MSFM3 Voltage Regulator - Low Drop Out ADJUSTABLE POSITIVE LDO REGULATOR, MBFM2 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR Adjustable Positive Voltage Regulator - Low Drop Out
|
TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
LT1587-3.45 LT1587-3.3 LT1587 LT1585-3.45 LT1585-3 |
3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed(3A,低压差,快速响应正输出稳压器(固定和可调输出电压)) From old datasheet system 7A Low Dropout Fast Response Positive Regulator Adjustable 4.6A Low Dropout Fast Response Positive Adjustable and Fixed Regulator 4.6A Low Dropout Fast Response Positive Regulator 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 3A Low Dropout Fast Response Positive 1.5 GTL Regulator
|
Linear Technology Corporation
|
LX8384X-XX LX8384B-XXCP LX8384_84A_84B-00 LX8384_8 |
5A Low Dropout Positive Regulators 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO3 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 µP Supervisory with Manual Reset and Watchdog - Active-High Push/Pull, TH: 2.93V, SOT23 5-pin µP Supervisory with Manual Reset and Watchdog - Active-Low Open-Drain - TH: 2.93V, SOT23 5-pin 积极的固定电压稳压器 Quad Comparator Push/Pull Output, TSSOP-14 Analog IC Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
OM7581SC |
Hi-Rel Adjustable 1.8V-5.5V 10.0A Linear Regulator in a C-6 Package Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Thru-Hole (C6)
|
IRF[International Rectifier]
|
RC1585 RC1585M15 RC1585MT RC1585M15T RC1585M-1.5 R |
5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Product information 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|